Part Number Hot Search : 
CY7C15 1N747A MDT10C61 A5801089 25PPC405 1N4131 4ABT7 4ABT7
Product Description
Full Text Search
 

To Download EPI220312B44-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Power Inductor
ELECTRONICS INC.
EPI B44 & EPI B44-LF Series
* 150 KHz Switching Frequency for National's LM259X Series * Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications * Add "-LF" after part number for Lead-Free * 500 KHz Switching Frequency
Primary Specification
Part Number EPI0L8103B44(-LF) EPI1L5902B44(-LF) EPI2L2802B44(-LF) EPI3L3702B44(-LF) EPI4L5602B44(-LF) EPI6L5502B44(-LF) EPI100452B44(-LF) EPI150352B44(-LF) EPI220312B44(-LF) EPI330252B44(-LF) EPI470222B44(-LF) EPI560202B44(-LF) EPI680182B44(-LF) EPI101152B44(-LF) EPI151122B44(-LF) EPI221102B44(-LF) EPI331801B44(-LF) EPI471701B44(-LF) EPI681581B44(-LF) EPI102481B44(-LF) National Semiconductor Chip -------------LM259X-L34 LM259X-L33 LM259X-L32 LM259X-L31 --LM259X-L30 LM259X-L29 LM259X-L28 LM259X-L27 LM259X-L26 ------Induct. (H 15%) @ 0 Adc 0.92 1.60 2.55 4.31 5.74 8.26 13.5 20.0 29.5 45.0 63.75 77.0 95.0 140 202 303 451 645 930 1372 DCR ( Typ.) .0036 .0048 .0061 .0079 .009 .014 .022 .027 .043 .065 .077 .121 .122 .182 .284 .427 .650 .778 1.20 1.45 Induct. (H 15%) @ Idc .82 20% 1.5 20% 2.2 20% 3.3 4.5 6.5 10 15 22 33 47 56 68 100 150 220 330 470 680 1000 Idc (Amps) 10.0 9.0 8.0 7.0 6.0 5.0 4.5 3.5 3.1 2.5 2.2 2.0 1.8 1.5 1.2 1.0 0.8 0.7 0.58 0.48 Vt1 (V-Sec) @ 500 KHz 1.2 1.6 2.0 2.6 3.0 3.6 4.6 5.6 6.8 8.4 10.0 11.0 12.2 14.8 17.8 21.8 26.6 31.8 38.2 46.4 Vt2 (V-Sec) @ 150 KHz --------------13.3 16.7 20.0 24.7 --30 36.7 43.3 53.3 65.3 ------Temp.Rise @ Vt1 @ Vt2 C (Typ.) C (Typ.) 38 --40 --40 --40 --35 --37 --45 --36 38 41 43 41 43 39 41 44 --40 42 41 43 41 43 42 45 42 44 39 --41 --36 ---
* Core Loss at Ref. Vt1 : 45 mW * Core Loss at Ref. Vt2 : 72 mW * .575 (14.61)
PCA EPIXXXXXXB44(-LF) D.C.
Package B44
.060 (1.52) Unregulated DC Input .600 (15.24) .550 (13.97)
Suggested Pad Latout
Application
Feedback +Vin Regulated Output Load + Cout
LM259X
Vsw
Output D1 1N5822
LX H
Cin
+
.510 (12.95)
Gnd
On/Off
.390 Max. (9.90) .510 (12.95)
EPIXXXXXXB44 SnPb 225C TBD grams TBD pieces/tube TBD pieces/13" reel
(*EPIXXXXXXB44TR)
Note: Coplanarity within .005" Max.
Notes : 1. Lead Finish
EPIXXXXXXB44-LF Hot Tin Dip (Sn) 260C TBD grams TBD pieces/tube TBD pieces/13" reel
(*EPIXXXXXXB44TR-LF)
2. Peak Temperature Rating 3. Weight (Tube) 4. Packaging Information (*Add "TR" to end of part number, but (Tape & Reel) in front of "-LF"when placing order)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXB44 & -LF Rev. 3 9/18/06 RR
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPI220312B44-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X